Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 4Page - Texas Instruments TNETX15VE Datasheet HTML 5Page - Texas Instruments TNETX15VE Datasheet HTML 6Page - Texas Instruments TNETX15VE Datasheet HTML 7Page - Texas Instruments TNETX15VE Datasheet HTML 8Page - Texas Instruments TNETX15VE Datasheet HTML 9Page - Texas Instruments TNETX15VE Datasheet HTML 10Page - Texas Instruments TNETX15VE Datasheet HTML 11Page - Texas Instruments TNETX15VE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
EAM interface (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
When EAM15 is low, the EAM14–EAM0 terminals encode the multiple ports to which the data frame is
routed. Each bit on the EAM14–EAM0 bus is coded as follows:
– A 1 on the bit signifies that the data frame is routed to that port.
– A 0 on the bit signifies that the data frame is not routed to that port.
Terminal number assignments have a one-to-one correspondence to the port numbers as shown in the
following:
Port
01
Port
02
Port
03
Port
04
Port
05
Port
07
Port
08
Port
09
Port
10
Port
11
Port
12
Port
13
Port
14
Port
06
1
2
3
4
5
7
8
9
10
11
12
13
14
6
0
Port
00
EAM
bus
For example, to multicast a frame to ports 08, 05, 02, and 00 a multiport code of 0000 0001 0010 0101
or 0x0125 is sent.
Some packets, originally destined for multiple ports, need to be sent only to a single port after restrictions
are applied (VLAN, one of the destination ports = source port, etc.). TNETX15VE uses single-port coding
(EAM15 = 1) to reduce the operations required by the TNETX3150/TNETX3150A.
To discard a frame, a code of 0x0000 is output (multiple routing code with no ports selected):
TNETX3150/TNETX3150A
EAM14–EAM0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Discard Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com