Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 47 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 47 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments TNETX15VE Datasheet HTML 48Page - Texas Instruments TNETX15VE Datasheet HTML 49Page - Texas Instruments TNETX15VE Datasheet HTML 50Page - Texas Instruments TNETX15VE Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
monitor registers
In addition to the NMON monitoring provided by the TNETX3150/TNETX3150A, using the TNETX15VE adds
software-configurable modes of monitoring traffic, which are described as follows.
Address monitoring: Unicast traffic is sent to a second port regardless of VLAN by modifying the table entry
in the TNETX15VE SRAM memory using the edit function on the ADD command. If the
table entry is modified to set the CUPLINK bit, any packet destined for that address is
queued for transmit on the port specified by uplinkport. Multicast addresses do not
have such a bit in their entry, but multicast addresses can include any port as a
monitoring port by changing the portflag vector to include a new port that is subject to
that vector being ANDed with that port’s VLANmask register. Both of these modes
require an external host to perform the modification to the address table value. Multiple
addresses can be monitored at the same time. Both sides of a suspect transaction are
monitored by setting the CUPLINK bit for both destination addresses that are
monitored. All the traffic going to the destination addresses (so marked) is forwarded to
the port specified in the uplinkport register.
Port monitoring:
All traffic to or from a specified port is copied to another port of choice. The port to be
sampled is specified in the mirror port-select register; the output goes to the port
selected in the uplinkport register, and the activity is gated on and off by setting the
MIRR bit in the control register (0x8, 0x9). The traffic includes packets that would not
normally be routed through the TNETX3150/TNETX3150A (when both the source and
destination addresses are on the same port, the inbound packet is normally dropped).
However, a second copy of the packet is not generated if not necessary. For example, a
packet inbound on the uplinkport (destined for the mirrorport) is not copied back to the
uplinkport because it has already been seen there.
Both port and address monitoring can be active at the same time, but only one destination port is used at one
time; both monitoring modes direct traffic to the port specified in the uplinkport register (be careful in setting up
extensive monitoring). If the streams being monitored are running in full-duplex mode, it is possible to queue
more traffic per second to the monitoring port than can be transmitted there. When the transmit queue at the
output port fills up, packets are dropped.
uplink routing register, uplinkport at 0xF0 (DIO)
BIT
7
6
5
4
3
2
1
0
Reserved
Uplink
Initial Values After Reset
0
0
0
0
0
0
0
0
The uplinkport register contents are used in both port monitoring and address monitoring to specify the output
port for the data being monitored. The 4-bit field uplink specifies the destination port number for monitored
frames. The Uplink field is read/write. Changing uplink changes the port that subsequent packets are queued
to. Changing uplink does not move frames queued to the previous port value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com