Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 71 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 67Page - Texas Instruments TNETX15VE Datasheet HTML 68Page - Texas Instruments TNETX15VE Datasheet HTML 69Page - Texas Instruments TNETX15VE Datasheet HTML 70Page - Texas Instruments TNETX15VE Datasheet HTML 71Page - Texas Instruments TNETX15VE Datasheet HTML 72Page - Texas Instruments TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
host (access) register space (continued)
Improvement on the preceding steps is obtained by writing a 0x00 to DIO address high and changing only DIO
address low. More steps can be eliminated by using the DIO data auto-increment register to read or write to
contiguous register bytes. The following shows how to use the auto-incrementing function to access the control
register.
• Write a 0x00 to DIO address high
• Write a 0x08 to DIO address low to select DIO address 0x08
• Read the least-significant bit of the control register by reading DIO data auto-increment or write to the
least-significant bit of the control register by writing to DIO data auto-increment. The address in DIO
address auto-increments to 0x0009.
• Read the most-significant bit of the control register by reading DIO data auto-increment, or write to the
most-significant bit of the control register by writing to DIO data auto-increment.
The auto-incrementing function is useful when reading or writing to a large number of adjacent registers, such
as the 48-bit address registers or when reading the statistics block.
internal registers
The internal registers are used to initialize and/or software-reset the TNETX15VE, select the TNETX15VE
startup and routing options, checks the number of nodes within the TNETX15VE and statistics, enable
management-based operations on the lookup table, and interface with the on-chip or external SRAM, the
EEPROM, and any MII-managed devices.
The internal registers are described in the detailed
internal register section of this document. This section
provides additional information on the use of internal registers to access the SRAM, MII devices, and EEPROM.
lookup-table SRAM access
DIO ADDRESS
0x00
BYTE 3
BYTE 2
BYTE 1
BYTE 0
0x20
0x24
RAMsize
RAM addr
RAM data
The TNETX15VE SRAM (internal and external) can be accessed through the internal registers with the RAM
addr and RAM data registers. The algorithm for reading and writing to the RAM is similar to that for reading and
writing to the internal registers; the address of the location to access is placed in RAM addr and the data is read
from or written to RAM data.
To select between internal or external RAM, the RSEL bit in the RAM addr register is used. This interface also
has an auto-increment function, which is selected from the INC bit in RAM addr. The auto-incrementer
increments by one when the most-significant bit of RAM data is read or written to.
The DIO state machine must request access to SRAM via the SRAM bus scheduler. A write to SRAM is queued
when the most-significant byte of RAM data is written. A read of SRAM is queued when either byte of RAM data
is read through the DIO port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com