Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 124Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 127Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 128Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 129Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 130Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 131Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 128 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.4.2
Timing of Recovery from Low Power Consumption Modes
Note: • The wait time varies depending on the state in which each oscillator was when the WAIT instruction was executed. The recovery
time when multiple oscillators are operating is the same period as that when the oscillator which requires the longest time of all
operating oscillators to recover is operating alone.
Figure 5.13
Software Standby Mode Cancellation Timing
Table 5.12
Timing of Recovery from Low Power Consumption Modes
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time
after
cancellation of
software
standby mode
Crystal resonator
connected to
main clock
oscillator
Main clock oscillator
operating
tSBYMC
10
—
—
ms
Figure 5.13
Main clock oscillator and
PLL circuit operating
tSBYPC
10
—
—
ms
External clock
input to main
clock oscillator
Main clock oscillator
operating
tSBYEX
1—
—
ms
Main clock oscillator and
PLL circuit operating
tSBYPE
1—
—
ms
Sub-clock oscillator operating
tSBYSC
2—
—
s
High-speed on-chip oscillator operating
tSBYHO
——2
ms
Low-speed on-chip oscillator or IWDT-specific
low-speed clock oscillator operating
tSBYLO
—
—
800
µs
Recovery time after cancellation of deep software standby mode
tDSBY
—
—
1.0
ms
Figure 5.14
Wait time after cancellation of deep software standby mode
tDSBYWT
45
—
46
tcyc
Oscillator
ICLK
IRQ
Software standby mode
tSBYMC, tSBYPC, tSBYEX, tSBYPE,
tSBYSC, tSBYHO, tSBYLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com