Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  XWM9708 Datasheet HTML 1Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 2Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 3Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 4Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 5Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 6Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
4
ELECTRICAL CHARACTERISTICS
Test Characteristics:
AVDD = 5V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
DVDD = 3.3V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (DVDD = 3.3 or 5.0V)
Input LOW level
VIL
AGND -0.3
0.8
V
Input HIGH level
VIH
2.2
AVDD +0.3
V
Output LOW
VOL
0.10 x VDD
V
Output HIGH
VOH
0.90 x VDD
V
Analogue I/O Levels (Input Signals on any inputs, Outputs on LINEOUT L, R and MONOOUT)
Input level
Minimum input
impedance = 10k
AGND
-100mV
AVDD
+100mV
V
Output level
Into 10kohm load
AGND
+300mV
Near rail to
rail
AVDD
-300mV
V
Reference Levels
Reference input/output
CAP2
2/5 AVDD
AVDD/2
3/5 AVDD
V
CAP2 impedance
75
kohms
Mixer reference
VREF
Buffered
CAP2
V
MIC reference
VREFOUT
Buffered
CAP2
V
MIDBUFF current sink
(pins VREF and VREFOUT)
AVDD = 5V
-5
-15
mA
MIDBUFF current source
(pins VREF and VREFOUT)
AVDD = 5V
5
15
mA
MIDBUFF current source
(pins VREF and VREFOUT)
AVDD = 3.3V
10
mA
MIDBUFF current sink
(pins VREF and VREFOUT)
AVDD = 3.3V
-10
mA
DAC Circuit Specifications (AVDD = 5V) 48kHz sampling
SNR A-weighted (Note 1)
85
95
dBv
Full scale output voltage
VREF = 2.5V
1.0
Vrms
THD
-3dBfs input
74 (0.02%)
90
dBv
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Out of band rejection
-40
dB
Spurious tone reduction
-100
dB
PSRR
20 to 20kHz
40
dB
ADC Circuit Specifications (AVDD = 5V) 48kHz sampling
SNR A-weighted (Note 1)
75
92
dB
ADC input for full scale output
VREF = 2.5V
1.0
Vrms
THD
-6dBv input
74
95
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74
dB
PSRR
20 to 20kHz
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com