Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button XWM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 20Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 21Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 22Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 23Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 24Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 25Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
22
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26h)
This read/write register is used to program Powerdown states and monitor subsystem readiness. The
lower half of this register is read only status, a 1 indicating that the subsection is ready. Ready is
defined as the subsection able to perform in its nominal state. When this register is written the bit
values that come in on AC-link will have no effect on read only bits 0 to 7.
When the AC-link Codec Ready indicator bit (SDATAIN slot 0, bit 15) is a 1 it indicates that the AC-
link and the WM9708 control and status registers are in a fully operational state. The AC’97 controller
must further probe this Powerdown Control/Status Register to determine exactly which subsections, if
any, are ready.
READ BIT
FUNCTION
REF
VREFs up to nominal level
ANL
Analogue mixers, etc ready
DAC
DAC section ready to accept data
ADC
ADC section ready to transmit data
Table 10 Powerdown Status Register Function
The powerdown modes are as follows. The first three bits are to be used individually rather than in
combination with each other. The last bit PR3 can be used in combination with PR2 or by itself. PR0
and PR1 control the PCM ADCs and DACs only. PR6 is not supported by the WM9708.
WRITE BIT
FUNCTION
PR0
PCM in ADCs and input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analogue mixer Powerdown
(VREF still on)
PR3
Analogue mixer Powerdown (VREF off)
PR4
Digital interface (AC-link) Powerdown
(external clock off)
PR5
Internal clock disable
PR6
HP amp Powerdown – not supported
EAPD
External amplifier Powerdown
Table 11 Powerdown Control Register Function
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
PR0 = 0 AND
ADC = 1
DEFAULT
READY = 1
COLD RESET
WARM
RESET
PR2 = 0 AND
ANL = 1
PR1 = 0 AND
DAC = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
SHUT OFF
CODA LINK
NORMAL
Figure 13 An Example of the WM9708 Powerdown/Powerup Flow
Figure 13 illustrates one example procedure to do a complete Powerdown of the WM9708. From
normal operation sequential writes to the Powerdown Register are performed to Powerdown the
WM9708 a piece at a time. After everything has been shut off (PR0 to PR3 set), a final write (of PR4)
can be executed to shut down the WM9708’s digital interface (AC-link).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com