Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button XWM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 20Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 21Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 22Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 23Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 24Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
21
SR2 TO SR0
RIGHT RECORD SOURCE
SL2 TO SL0
LEFT RECORD SOURCE
0
Mic
0
Mic
1
CD in (R)
1
CD in (L)
2
Not supported
2
Not supported
3
Not supported
3
Not supported
4
Line in (R)
4
Line in (L)
5
Stereo mix (R)
5
Stereo mix (L)
6
Mono mix
6
Mono mix
7
Phone
7
Phone
Table 7 Record Select Register Function
RECORD GAIN REGISTERS (INDEX 1Ch)
1Ch is for the stereo input. Each step corresponds to 1.5dB. 22.5dB corresponds to 0F0Fh. The MSB
of the register is the mute bit. When this bit is set to 1, the level for that channel(s) is set at -
∞dB.
The default value is 8000h, which corresponds to 0dB gain with mute on.
MUTE
GX3...GX0
FUNCTION
0
1111
+22.5dB gain
0
0000
0dB gain
1
xxxxx
-
∞dB gain
Table 8 Record Gain Register Function
GENERAL PURPOSE REGISTER (INDEX 20h)
This register is used to control several miscellaneous functions of the WM9708.
Below is a summary of each bit and its function. Only the MIX, MS and LPBK bits are supported by
the WM9708. The MS bit controls the Mic selector. The LPBK bit enables loopback of the ADC
output to the DAC input without involving the AC-link, allowing for full system performance
measurements. The function default value is 8000h which is all off.
BIT
FUNCTION
WM9708
SUPPORT
POP
PCM out path and mute
Yes
ST
Simulated stereo enhancement, on/off 1 = on
No
3D
3D stereo enhancement on/off, 1 = on
No
LD
Loudness (bass boost) on/off, 1 = on
No
LLBK
Local loop back - for modem, line codec
No
RLBK
Remote loop back - for modem, line codec
No
MIX
Mono output select 0 = Mix, 1 = Mic
Yes
MS
Mic select 0 = Mic1, 1 = Mic2
Yes
LPBK
ADC/DAC loopback mode
Yes
Table 9 General Purpose Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com