Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button XWM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 20Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 21Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 22Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 23Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
20
MUTE
MX4...MX0
FUNCTION
0
0 0000
0dB attenuation
0
0 0001
1.5dB attenuation
0
1 1111
46.5dB attenuation
1
x xxxx
∞dB attenuation
Table 4 Volume Register Function
MASTER TONE CONTROL REGISTERS (INDEX 08h)
Optional register for support of tone controls (bass and treble). The WM9708 does not support bass
and treble and writing to this register will have no effect, reading will result in all zeros.
PC BEEP REGISTER (INDEX 0Ah)
This controls the level for the PC-beep input. Each step corresponds to approximately 3dB of
attenuation. The MSB of the register is the mute bit. When this bit is set to 1 the level for that channel
is set at -
∞dB.
WM9708 defaults to the PC-beep path being muted, except during reset when the path is open, so
an external speaker should be provided within the PC to alert the user to power on self-test
problems.
MUTE
PV3...PV0
FUNCTION
0
0000
0dB attenuation
0
1111
45dB attenuation
1
xxxx
∞dB attenuation
Table 5 PC-beep Register Function
ANALOGUE MIXER INPUT GAIN REGISTERS (INDEX 0Ch - 18h AND 72h)
This controls the gain/attenuation for each of the analogue inputs and mixer PGA. Each step
corresponds to approximately 1.5dB. The MSB of the register is the mute bit. When this bit is set to 1
the level for that channel is set at -
∞dB.
REGISTER 0Eh (MIC VOLUME REGISTER)
This has an extra bit that is for a 20dB boost. When bit 6 is set to 1 the 20dB boost is on. The default
value is 8008h, which corresponds to 0dB gain with mute on.
The default value for the mono registers is 8008h, which corresponds to 0dB gain with mute on. The
default value for stereo registers is 8808h, which corresponds to 0dB gain with mute on.
MUTE
GX4...GX0
FUNCTION
0
00000
+12dB gain
0
01000
0dB gain
0
11111
-34.5dB gain
1
xxxxx
-
∞dB gain
Table 6 Mixer Gain Control Register Function
RECORD SELECT CONTROL REGISTER (INDEX 1Ah)
Used to select the record source independently for right and left (see Table 7). The default value is
0000h, which corresponds to Mic in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com