Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button XWM9708 Datasheet HTML 10Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 11Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
14
When the Codec is a slave device, bits 14 and 13 are not used to validate data in slots 1 and 2.
Instead, if the message ID bits (1:0) match the Codec ID then the address is valid and bit 19 from
slot 1 then indicates if slot 2 is valid.
SYNC
BIT_CLK
SDATA_OUT
VALID
FRAME
SLOT (1)
SLOT (2)
WM9707 SAMPLES
SYNC ASSERTION HERE
WM9707 SAMPLES
FIRST SDATA_OUT
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 10 Start of an Audio Output Frame
A new audio output frame begins with a low to high transition of SYNC as shown in Figure 10. SYNC
is synchronous to the rising edge of BITCLK. On the immediately following falling edge of BITCLK,
the WM9708 samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-link are aware of the start of a new audio frame. On the next rising edge of BITCLK, AC’97
transitions SDATAOUT into the first bit position of slot 0 (Valid Frame bit). Each new bit position is
presented to AC-link on a rising edge of BITCLK, and subsequently sampled by the WM9708 on the
following falling edge of BITCLK. This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
Baseline AC’97 specified audio functionality MUST ALWAYS sample rate convert to and from a fixed
48ks/s on the AC’97 controller. This requirement is necessary to ensure that interoperability between
the AC’97 controller and the WM9708, among other things, can be guaranteed by definition for
baseline specified AC’97 features.
SDATAOUT’s composite stream is MSB justified (MSB first) with all non-valid slot bit positions
stuffed with 0s by the AC’97 controller.
In the event that there are less than 20 valid bits within an assigned and valid time slot, the AC’97
controller always stuffs all trailing non-valid bit positions of the 20-bit slot with 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com