Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM9708 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # XWM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM9708 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  XWM9708 Datasheet HTML 1Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 2Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 3Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 4Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 5Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 6Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc XWM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
WM9708
AC’97 Revision 2.1 Audio Codec
Advanced Information, April 2001, Rev 2.0
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Advanced Information data sheets contain
preliminary data on new products in the
preproduction phase of development.
Supplementary data will be published at a
later date.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM9708 is a high-quality stereo audio codec compliant with
the AC’97 Revision 2.1 specification. It performs full duplex
18-bit codec functions and supports variable sample rates
from 8 to 48k samples/s and offers excellent quality with
high
SNR.
Additional
features
include
3D
sound
enhancement, line-level outputs, and hardware sample rate
conversion.
The WM9708 is fully operable on 3.3V or 5V or mixed
3.3/5V supplies, and is packaged in a 28-pin SSOP
package.
AC’97 FEATURES
•
18-bit stereo codec
•
S/N ratio > 95dB
•
Multiple stereo input mixer
•
Mono and stereo volume control
•
Power management features
•
Very low standby power
•
Variable rate audio (VRA) support
•
Analogue 3D stereo enhancement
•
Line level outputs
•
Supports Rev. 2.1 specified audio and modem sample
rates and filtering
•
PC-beep connection when device held reset
•
3.3V or 5V operation
•
28-pin SSOP package
BLOCK DIAGRAM
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
Σ
VOL/
MUTE
Σ
(26) MONOOUT
(25,56) LINEOUT
Σ
CD (13,15)
LINEIN (17,18)
PCBEEP (12)
MIC1 (16)
0dB/
20dB
(7) BITCLK
(10) SYNC
(9) SDATAIN
(6) SDATAOUT
OSC
(4) XTLIN
(5) XTLOUT
VOL/
MUTE
STEREO
DAC
SRC
Σ
VOL
STEREO
ADC
SRC
VOL/
MUTE
MUX
VOL/
MUTE
MUX
KEY:
MONO
STEREO
RECORD
MUX
AND
MUTE
SERIAL
I/F
VOL/
MUTE
(11) RESETB
WM9708


Similar Part No. - XWM9708

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
XWM9705EFL/RV WOLFSON-XWM9705EFL/RV Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
XWM9705EFL/V WOLFSON-XWM9705EFL/V Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
XWM9705EFT/RV WOLFSON-XWM9705EFT/RV Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
XWM9705EFT/V WOLFSON-XWM9705EFT/V Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
More results

Similar Description - XWM9708

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9707 WOLFSON-WM9707 Datasheet
236Kb / 30P
AC97 Revision 2.1 Audio Codec with Spdif Output
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
AC 97 Revision 2.1 Audio CODEC with SPDIF Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com