Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 224 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 224 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 219Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 220Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 221Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 222Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 223Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 224Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 225Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 226Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 227Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 224 / 227 page
background image
224
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14.5
Modes of Operation .........................................................................................75
14.6
Input Capture Unit ...........................................................................................77
14.7
Output Compare Unit .......................................................................................78
14.8
Timer/Counter Timing Diagrams .....................................................................79
14.9
Accessing Registers in 16-bit Mode ................................................................81
14.10
Register Description ........................................................................................85
15
Timer/Counter1 Prescaler ..................................................................... 89
15.1
Register Description ........................................................................................90
16
Timer/Counter1 ...................................................................................... 92
16.1
Features ..........................................................................................................92
16.2
Overview ..........................................................................................................92
16.3
Counter Unit ....................................................................................................96
16.4
Output Compare Unit .......................................................................................97
16.5
Dead Time Generator ......................................................................................99
16.6
Compare Match Output Unit ..........................................................................100
16.7
Modes of Operation .......................................................................................102
16.8
Timer/Counter Timing Diagrams ...................................................................109
16.9
Fault Protection Unit ......................................................................................111
16.10
Accessing 10-Bit Registers ............................................................................112
16.11
Register Description ......................................................................................115
17
USI – Universal Serial Interface .......................................................... 128
17.1
Features ........................................................................................................128
17.2
Overview ........................................................................................................128
17.3
Functional Descriptions .................................................................................129
17.4
Alternative USI Usage ...................................................................................135
17.5
Register Descriptions ....................................................................................135
18
AC – Analog Comparator .................................................................... 140
18.1
Register Description ......................................................................................140
18.2
Analog Comparator Multiplexed Input ...........................................................141
19
ADC – Analog to Digital Converter ..................................................... 144
19.1
Features ........................................................................................................144
19.2
Overview ........................................................................................................144
19.3
Operation .......................................................................................................145
19.4
Starting a Conversion ....................................................................................146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com