Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 156 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 152Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 153Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 154Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 156Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 157Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 158Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 159Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 227 page
background image
156
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
19.9.1
Manufacturing Calibration
Calibration values determined during test are available in the signature row.
The temperature in degrees Celsius can be calculated using the formula:
Where:
a. ADCH & ADCL are the ADC data registers,
b. is the temperature sensor gain
c. TS_OFFSET is the temperature sensor offset correction term
TS_GAIN is the unsigned fixed point 8-bit temperature sensor gain factor in 1/128th units stored
in the signature row.
TS_OFFSET is the signed twos complement temperature sensor offset reading stored in the sig-
nature row.
The table below summarizes the parameter signature row address vs product.
The following code example allows to read Signature Row data
.equ TS_GAIN = 0x0007
.equ TS_OFFSET = 0x0005
LDI R30,LOW(TS_GAIN)
LDI R31,HIGH (TS_GAIN)
RCALL Read_signature_row
MOV R17,R16
; Save R16 result
LDI R30,LOW(TS_OFFSET)
LDI R31,HIGH (TS_OFFSET)
RCALL Read_signature_row
; R16 holds TS_OFFSET and R17 holds TS_GAIN
Read_signature_row:
IN R16,SPMCSR
; Wait for SPMEN ready
SBRC R16,SPMEN
; Exit loop here when SPMCSR is free
RJMP Read_signature_row
LDI R16,((1<<SIGRD)|(1<<SPMEN)) ; We need to set SIGRD and SPMEN
together
OUT SPMCSR,R16
; and execute the LPM within 3 cycles
LPM R16,Z
RET
Table 19-3.
Parameter Signature Row Address vs. Product
ATtiny261
ATtiny461
ATtiny861
TS_OFFSET
0x1F
0x05
0x05
TS_GAIN
0x1E
0x07
0x07
T
ADCH << 8
〈〉 I ADCL
[]
273
25
TS_OFFSET
–
+
〈〉
–
() 128
×
TS_GAIN
----------------------------------------------------------------------------------------------------------------------------------------------------------------------
25
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com