Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 145 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 141Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 142Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 143Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 144Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 145Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 146Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 147Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 148Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 227 page
background image
145
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 19-1. Analog to Digital Converter Block Schematic
19.3
Operation
The ADC converts an analog input voltage to a 10-bit digital value through successive approxi-
mation. The minimum value represents GND and the maximum value represents the voltage on
V
CC, the voltage on the AREF pin or an internal 1.1V / 2.56V voltage reference.
The voltage reference for the ADC may be selected by writing to the REFS2..0 bits in ADMUX.
The VCC supply, the AREF pin or an internal 1.1V / 2.56V voltage reference may be selected as
the ADC voltage reference. Optionally the internal 1.1V / 2.56V voltage reference may be decou-
pled by an external capacitor at the AREF pin to improve noise immunity.
The analog input channel and differential gain are selected by writing to the MUX5..0 bits in
ADMUX. Any of the 11 ADC input pins ADC10..0 can be selected as single ended inputs to the
ADC. The positive and negative inputs to the differential gain amplifier are described in Table
19-5.
If differential channels are selected, the differential gain stage amplifies the voltage difference
between the selected input pair by the selected gain factor, 1x, 8x, 20x or 32x, according to the
setting of the MUX5..0 bits in ADMUX and the GSEL bit in ADCSRB. This amplified value then
becomes the analog input to the ADC. If single ended channels are used, the gain amplifier is
bypassed altogether.
ADC CONVERSION
COMPLETE IRQ
8-BIT DATA BUS
15
0
ADC MULTIPLEXER
SELECT (ADMUX)
ADC CTRL. & STATUS
REGISTER A (ADCSRA)
ADC DATA REGISTER
(ADCH/ADCL)
CONVERSION LOGIC
10-BIT DAC
+
-
SAMPLE & HOLD
COMPARATOR
MUX DECODER
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
+
-
ADC
MULTIPLEXER OUTPUT
GAIN
AMPLIFIER
INTERNAL 1.18V
REFERENCE
PRESCALER
SINGLE ENDED /
DIFFERENTIAL SELECTION
AGND
POS.
INPUT
MUX
NEG.
INPUT
MUX
ADC10
ADC9
ADC8
VCC
AREF
TEMPERATURE
SENSOR
INTERNAL 2.56/1.1V
REFERENCE
MUX
ADC CTRL. & STATUS
REGISTER B (ADCSRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com