Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 123 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 119Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 120Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 121Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 122Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 123Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 124Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 125Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 126Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 227 page
background image
123
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
The actual value from the port register will be visible on the port pin, when the Output Compare
Override Enable Bit is cleared. Table 16-20 shows the Output Compare Override Enable Bits
and their corresponding Output Compare pins.
16.11.6
TCNT1 – Timer/Counter1
This 8-bit register contains the value of Timer/Counter1.
The Timer/Counter1 is realized as a 10-bit up/down counter with read and write access. Due to
synchronization of the CPU, Timer/Counter1 data written into Timer/Counter1 is delayed by one
and half CPU clock cycles in synchronous mode and at most one CPU clock cycles for asyn-
chronous mode. When a 10-bit accuracy is preferred, special procedures must be followed for
accessing the 10-bit TCNT1 register via the 8-bit AVR data bus. These procedures are
described in section “Accessing 10-Bit Registers” on page 112. Alternatively the Timer/Counter1
can be used as an 8-bit Timer/Counter. Note that the Timer/Counter1 always starts counting up
after writing the TCNT1 register.
16.11.7
TC1H – Timer/Counter1 High Byte
The temporary Timer/Counter1 register is an 2-bit read/write register.
• Bits 7:2 - Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and always reads as zero.
• Bits 1:0 - TC19, TC18: Two MSB bits of the 10-bit accesses
If 10-bit accuracy is used, the Timer/Counter1 High Byte Register (TC1H) is used for temporary
storing the MSB bits (TC19, TC18) of the 10-bit accesses. The same TC1H register is shared
between all 10-bit registers within the Timer/Counter1. Note that special procedures must be fol-
lowed when accessing the 10-bit TCNT1 register via the 8-bit AVR data bus. These procedures
are described in section “Accessing 10-Bit Registers” on page 112.
Table 16-20. Output Compare Override Enable Bits vs. Output Compare Pins
OC1OE0
OC1OE1
OC1OE2
OC1OE3
OC1OE4
OC1OE5
OC1A
(PB0)
OC1A
(PB1)
OC1B
(PB2)
OC1B
(PB3)
OC1D
(PB4)
OC1D
(PB5)
Bit
76543210
0x2E (0x4E)
MSB
LSB
TCNT1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000
Bit
76543210
0x25 (0x45)
------
TC19
TC18
TC1H
Read/Write
RRRRRR
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com