Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461-ESSZ Datasheet(PDF) 117 Page - ATMEL Corporation

Part # ATtiny461-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461-ESSZ Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button ATtiny461-ESSZ Datasheet HTML 113Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 114Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 115Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 116Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 117Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 118Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 119Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 120Page - ATMEL Corporation ATtiny461-ESSZ Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 227 page
background image
117
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Note that the Data Direction Register (DDR) bit corresponding to the OC1B pin must be set in
order to enable the output driver.
The function of the COM1B1:0 bits depends on the PWM1B and WGM10 bit settings. Table
16-11 shows the COM1B1:0 bit functionality when the PWM1B bit is set to Normal Mode
(non-PWM).
Table 16-12 shows the COM1B1:0 bit functionality when the PWM1B and WGM10 bits are set to
Fast PWM Mode.
Table 16-13 shows the COM1B1:0 bit functionality when the PWM1B and WGM10 bits are set to
Phase and Frequency Correct PWM Mode.
• Bit 3 - FOC1A: Force Output Compare Match 1A
The FOC1A bit is only active when the PWM1A bit specify a non-PWM mode.
Writing a logical one to this bit forces a change in the Waveform Output (OCW1A) and the Out-
put Compare pin (OC1A) according to the values already set in COM1A1 and COM1A0. If
COM1A1 and COM1A0 written in the same cycle as FOC1A, the new settings will be used. The
Force Output Compare bit can be used to change the output pin value regardless of the timer
value.
Table 16-11. Compare Output Mode, Normal Mode (non-PWM)
COM1B1..0
OCW1B Behavior
OC1B Pin
OC1B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Toggle on Compare Match.
Connected
Disconnected
10
Clear on Compare Match.
Connected
Disconnected
11
Set on Compare Match.
Connected
Disconnected
Table 16-12. Compare Output Mode, Fast PWM Mode
COM1B1..0
OCW1B Behavior
OC1B Pin
OC1B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Connected
10
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Disconnected
11
Set on Compare Match.
Cleared when TCNT1 = 0x000.
Connected
Disconnected
Table 16-13. Compare Output Mode, Phase and Frequency Correct PWM Mode
COM1B1..0
OCW1B Behavior
OC1B Pin
OC1B Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Connected
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Disconnected
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
Connected
Disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com