Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 142Page - Renesas Technology Corp R8C/13 Datasheet HTML 143Page - Renesas Technology Corp R8C/13 Datasheet HTML 144Page - Renesas Technology Corp R8C/13 Datasheet HTML 145Page - Renesas Technology Corp R8C/13 Datasheet HTML 146Page - Renesas Technology Corp R8C/13 Datasheet HTML 147Page - Renesas Technology Corp R8C/13 Datasheet HTML 148Page - Renesas Technology Corp R8C/13 Datasheet HTML 149Page - Renesas Technology Corp R8C/13 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 135 of 205
REJ09B0111-0120
R8C/13 Group
14.7 Output Impedance of Sensor under A/D Conversion
14.7 Output Impedance of Sensor under A/D Conversion
To carry out A/D conversion properly, charging the internal capacitor C shown in Figure 14.11 has to
be completed within a specified period of time. T (sampling time) as the specified time. Let output
impedance of sensor equivalent circuit be R0, microcomputer’s internal resistance be R, precision
(error) of the A/D converter be X, and the A/D converter’s resolution be Y (Y is 1024 in the 10-bit mode,
and 256 in the 8-bit mode).
VC is generally VC = VIN {1 – e}
And when t = T,
VC=VIN –
VIN = VIN(1 –
)
e=
–
T = ln
Hence, R0 = –– R
Figure 14.11 shows analog input pin and external sensor equivalent circuit. When the difference
between VIN and VC becomes 0.1 LSB, we find impedance R0 when voltage between pins VC
changes from 0 to VIN – (0.1/1024) VIN in time T. (0.1/1024) means that A/D precision drop due to
insufficient capacitor charge is held to 0.1 LSB at time of A/D conversion in the 10-bit mode. Actual
error however is the value of absolute precision added to 0.1 LSB. When f(XIN) = 10 MHz, T = 0.25 µs
in the A/D conversion mode with sample & hold. Output impedance R0 for sufficiently charging capaci-
tor C within time T is determined as follows.
T = 0.25
µs, R = 2.8 kΩ, C = 1.5 pF, X = 0.1, and Y = 1024 . Hence,
R0 = –– 2.8 X 103
7.3 X 103
Thus, the allowable output impedance of the sensor circuit capable of thoroughly driving the A/D
converter turns out to be approximately 7.3 k
Ω.
C (R0 +R)
1
Y
X
Y
X
Y
X
Y
X
C • ln
T
Y
X
T
C (R0 + R)
1
–
1
C (R0 + R)
–
t
6.0 X 10 –12 • ln
1024
0.1
0.25 X 10 –6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com