Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 99Page - Renesas Technology Corp R8C/13 Datasheet HTML 100Page - Renesas Technology Corp R8C/13 Datasheet HTML 101Page - Renesas Technology Corp R8C/13 Datasheet HTML 102Page - Renesas Technology Corp R8C/13 Datasheet HTML 103Page - Renesas Technology Corp R8C/13 Datasheet HTML 104Page - Renesas Technology Corp R8C/13 Datasheet HTML 105Page - Renesas Technology Corp R8C/13 Datasheet HTML 106Page - Renesas Technology Corp R8C/13 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 92 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.22 TYZMR Register and PUM Register in Timer Mode
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y-related bit
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit(1)
0 : Write to reload register and counter
1 : Write to reload register only
0
0
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
RW
NOTES:
1. When TZS bit=1 (starts counting), the value set in the TZWC bit is valid. If TZWC bit=0, the timer Z count value is
written to both reload register and counter. If TZWC bit=1, the timer Z count value is written to the reload register
only.
When TZS bit=0 (stops counting), the timer Z count value is written to both reload register and counter regardless of
how the TZWC bit is set.
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
Symbol
Address
After reset
PUM
008416
0016
b7
b6 b5
b4
b3
b2
b1 b0
0
0
0
0
TYOPL
TZOPL
INOSEG
INOSTG
Timer Z output level
latch
Must set to “0” in timer mode
INT0 pin one-shot
trigger control bit
INT0 pin one-shot trigger
polarity select bit
(b3-b0)
Reserved bit
Must set to “0”
RW
RW
RW
RW
RW
RW
Timer Y-related bit
Must set to “0” in timer mode
Must set to “0” in timer mode
0
0
0
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com