| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 319 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 319 Page - Renesas Technology Corp |
|
319 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 287 of 1468 REJ09B0412-0200 9.10.9 Wait Control There are two methods of inserting wait cycles during a DRAM access cycle: program wait insertion and pin wait insertion using the WAIT pin. Wait cycles are inserted to extend the CAS assertion period during a DRAM read cycle and to ensure the write data setup time to the falling edge of the CAS signal during a DRAM write cycle. (1) Program Wait Insertion When bit AST2 in ASTCR is set to 1, zero to seven of wait cycles can automatically be inserted between the Tc1 and Tc2 cycles. The number of wait cycles is selected by bits W22 to W20 in WTCRB. (2) Pin Wait Insertion When the WAITE bit in BCR1 is set to 1, and the AST2 bit in ASTCR is set to 1, setting the ICR bit for the corresponding pin to 1 enables wait input by the WAIT pin. When the DRAM space is accessed in this state, a program wait (Tpw) is first inserted. If the WAIT pin is low at the rising edge of B φ in the last Tc1 or Tpw cycle, another Ttw cycle is inserted until the WAIT pin is driven high. For details on ICR, see section 13, I/O Ports. Figure 9.43 shows an example of wait cycle insertion timing for 2-cycle column address output. Figure 9.44 shows an example of wait cycle insertion timing for 3-cycle column address output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |