Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 313Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 314Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 315Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 316Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 317Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 318Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 319Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 320Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 285 of 1468
REJ09B0412-0200
To ensure the row address hold time or read access time, one to three of Trw cycles in which the
row address output is retained can be inserted between the Tr and Tc1 cycles. The
RAS signal is
driven low in the Tr cycle and the column address is output in the Tc1 cycle. Set the bit according
to the DRAM to be used and the frequency of this LSI so that the row address hold time to the
rising edge of the RAS signal is ensured.
Figure 9.41 shows an access timing example when one Trw cycle is specified.
T
p
T
r
T
rw
T
c1
T
c2
Address bus
Row address
Column address
B
φ
RAS
LUCAS
LLCAS
WE
OE (RD)
WE
OE (RD)
Data bus
High
High
Read
Write
Data bus
BS
RD/
WR
Figure 9.41 Access Timing Example when One Trw Cycle is Specified (RAST=0, CAST=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com