Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 273Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 274Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 275Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 276Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 277Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 278Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 279Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 280Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 245 of 1468
REJ09B0412-0200
9.6.3
Basic Timing
This section describes the basic timing when the data is specified as big endian.
(1)
16-Bit 2-State Access Space
Figures 9.15 to 9.17 show the bus timing of 16-bit 2-state access space.
When accessing 16-bit access space, the upper byte data bus (D15 to D8) is used for even
addresses access, and the lower byte data bus (D7 to D0) is used for odd addresses. No wait cycles
can be inserted.
1. n = 0 to 7
2. When RDNn = 0
3. When DKC and EDKC = 0
Valid
Invalid
Valid
T
1
T
2
Address
CSn
AS
RD
D15 to D8
D7 to D0
D15 to D8
D7 to D0
LHWR
LLWR
Read
Write
Notes:
High level
High-Z
B
φ
Bus cycle
BS
RD/
WR
DACK or EDACK
Figure 9.15 16-Bit 2-State Access Space Bus Timing (Byte Access for Even Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com