| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 276 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 276 Page - Renesas Technology Corp |
|
276 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 244 of 1468 REJ09B0412-0200 9.6 Basic Bus Interface The basic bus interface can be connected directly to the ROM and SRAM. The bus specifications can be specified by the ABWCR, ASTCR, WTCRA, WTCRB, RDNCR, CSACR, and ENDIANCR. 9.6.1 Data Bus Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus controller has a data alignment function, and controls whether the upper byte data bus (D15 to D8) or lower byte data bus (D7 to D0) is used according to the bus specifications for the area being accessed (8-bit access space or 16-bit access space), the data size, and endian format when accessing external address space,. For details, see section 9.5.6, Endian and Data Alignment. 9.6.2 I/O Pins Used for Basic Bus Interface Table 9.15 shows the pins used for basic bus interface. Table 9.15 I/O Pins for Basic Bus Interface Name Symbol I/O Function Bus cycle start BS Output Signal indicating that the bus cycle has started Address strobe AS* Output Strobe signal indicating that an address output on the address bus is valid during access Read strobe RD Output Strobe signal indicating the read access Read/write RD/ WR Output Signal indicating the data bus input or output direction Low-high write LHWR Output Strobe signal indicating that the upper byte (D15 to D8) is valid during write access Low-low write LLWR Output Strobe signal indicating that the lower byte (D7 to D0) is valid during write access Chip select 0 to 7 CS0 to CS7 Output Strobe signal indicating that the area is selected Wait WAIT Input Wait request signal used when an external address space is accessed Note: * When the address/data multiplexed I/O is selected, this pin only functions as the AH output and does not function as the AS output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |