Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 226Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 227Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 228Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 229Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 230Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 231Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 232Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 233Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 198 of 1468
REJ09B0412-0200
9.2.6
Idle Control Register (IDLCR)
IDLCR specifies the idle cycle insertion conditions and the number of idle cycles.
Bit
Bit Name
Initial Value
R/W
15
IDLS3
1
R/W
14
IDLS2
1
R/W
13
IDLS1
1
R/W
12
IDLS0
1
R/W
11
IDLCB1
1
R/W
10
IDLCB0
1
R/W
9
IDLCA1
1
R/W
8
IDLCA0
1
R/W
Bit
Bit Name
Initial Value
R/W
7
IDLSEL7
0
R/W
6
IDLSEL6
0
R/W
5
IDLSEL5
0
R/W
4
IDLSEL4
0
R/W
3
IDLSEL3
0
R/W
2
IDLSEL2
0
R/W
1
IDLSEL1
0
R/W
0
IDLSEL0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15
IDLS3
1
R/W
Idle Cycle Insertion 3
Inserts an idle cycle between the bus cycles when the
DMAC or EXDMAC single address transfer (write cycle)
is followed by external access.
0: No idle cycle is inserted
1: An idle cycle is inserted
14
IDLS2
1
R/W
Idle Cycle Insertion 2
Inserts an idle cycle between the bus cycles when the
external write cycle is followed by external read cycle.
0: No idle cycle is inserted
1: An idle cycle is inserted
13
IDLS1
1
R/W
Idle Cycle Insertion 1
Inserts an idle cycle between the bus cycles when the
external read cycles of different areas continue.
0: No idle cycle is inserted
1: An idle cycle is inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com