| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 228 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 228 Page - Renesas Technology Corp |
|
228 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 196 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 15 14 13 12 11 10 9 8 CSXH7 CSXH6 CSXH5 CSXH4 CSXH3 CSXH2 CSXH1 CSXH0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W CS and Address Signal Assertion Period Control 1 These bits specify whether or not the Th cycle is to be inserted (see figure 9.3). When an area for which bit CSXHn is set to 1 is accessed, one Th cycle, in which the CSn and address signals are asserted, is inserted before the normal access cycle. 0: In access to area n, the CSn and address assertion period (Th) is not extended 1: In access to area n, the CSn and address assertion period (Th) is extended (n = 7 to 0) 7 6 5 4 3 2 1 0 CSXT7 CSXT6 CSXT5 CSXT4 CSXT3 CSXT2 CSXT1 CSXT0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W CS and Address Signal Assertion Period Control 2 These bits specify whether or not the Tt cycle is to be inserted (see figure 9.3). When an area for which bit CSXTn is set to 1 is accessed, one Tt cycle, in which the CSn and address signals are retained, is inserted after the normal access cycle. 0: In access to area n, the CSn and address assertion period (Tt) is not extended 1: In access to area n, the CSn and address assertion period (Tt) is extended (n = 7 to 0) Note: * In burst ROM interface, the CSXTn settings are ignored during read accesses by the CPU and EXDMAC cluster transfer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |