Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1240 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1240 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1236Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1237Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1238Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1240 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1208 of 1468
REJ09B0412-0200
26.4.1
Instruction Register (JTIR)
JTIR is a 16-bit register. JTAG instructions can be transferred to JTIR by serial input from the
TDI pin. JTIR is initialized when the
TRST signal is low level, when the TAP controller is in the
Test-Logic-Reset state, and when this LSI is placed in hardware standby mode. JTIR is not
initialized by a reset or entry to software standby mode. Instructions must be serially transferred in
4-bit units. When an instruction with more than 4 bits is being transferred, the last four bits of the
serial data are stored in JTIR.
Bit
Bit Name
Initial Value
R/W
15
TS3
0
14
TS2
0
13
TS1
0
12
TS0
0
11
0
10
0
9
0
8
0
Bit
Bit Name
Initial Value
R/W
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
0
Bit
Bit Name
Initial
Value
R/W
Descriptions
15 to 12 TS[3:0]
All 0
R/W
Test Bit Set
Specify an instruction as shown in table 26.3.
11 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com