Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1239 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1239 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1235Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1236Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1237Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1238Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1239 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1207 of 1468
REJ09B0412-0200
26.4
Register Descriptions
Boundary scan has the following four registers. These registers cannot be accessed from the CPU.
• Introduction register (JTIR)
• Bypass register (JTBPR)
• Boundary scan register (JTBSR)
• IDCODE register (JTIDR)
Instructions can be input to the instruction register (JTIR) via the test data input pin (TDI) by
serial transfer. The bypass register (JTBPR), which is a 1-bit register, is connected between the
TDI and TDO pins in BYPASS mode. The boundary scan register (JTBSR), which is a JTBSR-bit
register (see table 26.4), is connected between the TDI and TDO pins when test data are being
shifted in. None of the registers is accessible from the CPU.
Table 26.2 shows the availability of serial transfer for the registers.
Table 26.2
Serial Transfers for Registers
Register Abbreviation
Serial Input
Serial Output
JTIR
Available
Not available
JTBPR
Available
Available
JTBSR
Available
Available
JTID
Not available
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com