Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1175 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1175 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1171Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1172Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1173Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1174Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1175Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1176Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1177Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1178Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1143 of 1468
REJ09B0412-0200
25.8.2
USB Boot Mode
USB boot mode executes programming/erasing of the user MAT by means of the control
command and program data transmitted from the externally connected host via the USB.
In USB boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The system configuration in USB boot mode is shown
in figure 25.9. Interrupts are ignored in USB boot mode. Configure the user system so that
interrupts do not occur.
Host or
self-power HUB
Programming tool
and program data
Software for
analyzing
control
commands
(on-chip)
This LSI
Flash
memory
On-chip
RAM
USB
PM2
MD3 to MD0
PM4
1
0010
PM3
0: Self power setting
1: Bus power setting
VBUS
USB+
USB-
Rs
Data transmission/
reception
Rs
1.5 k
Ω
Figure 25.9
System Configuration in USB Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com