Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1171 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1171 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1169Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1170Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1171Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1172Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1173Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1174Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1171 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1139 of 1468
REJ09B0412-0200
25.8.1
Boot Mode
SCI Boot mode executes programming/erasure of the user MAT or user boot MAT by means of
the control command and program data transmitted from the externally connected host via the on-
chip SCI_4.
In SCI boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The serial communications mode is set to
asynchronous mode. The system configuration in boot mode is shown in figure 25.6. Interrupts are
ignored in SCI boot mode. Configure the user system so that interrupts do not occur.
RxD4
TxD4
Software for
analyzing
control
commands
(on-chip)
Flash
memory
On-chip
RAM
SCI_4
This LSI
Host
Programming
tool and program
data
Control command,
program data
Response
PM2
MD3 to MD0
0
0010
Figure 25.6 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com