Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1148 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1148 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1150Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1151Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1148 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1116 of 1468
REJ09B0412-0200
25.6
Input/Output Pins
The flash memory is controlled through the input/output pins shown in table 25.2.
Table 25.2
Pin Configuration
Abbreviation
I/O
Function
RES
Input
Reset
EMLE
Input
On-chip emulator enable pin
(EMLE
= 0 for flash memory programming/erasure)
MD3 to MD0
Input
Set operating mode of this LSI
PM2
Input
SCI boot mode/USB boot mode setting (for boot mode
setting by MD3 to MD0)
TxD4
Output
Serial transmit data output (used in SCI boot mode)
RxD4
Input
Serial receive data input (used in SCI boot mode)
USD
+, USD−
I/O
USB data I/O (used in USB boot mode)
VBUS
Input
USB cable connection/disconnection detect (used in
USB boot mode)
PM3
Input
USB bus power mode/self power mode setting (used
in USB boot mode)
PM4
Output
D
+ pull-up control (used in USB boot mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com