Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1146 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1146 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1142Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1146 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1114 of 1468
REJ09B0412-0200
25.5
Programming/Erasing Interface
Programming/erasure of the flash memory is done by downloading an on-chip programming/
erasing program to the on-chip RAM and specifying the start address of the programming
destination, the program data, and the erase block number using the programming/erasing
interface registers and programming/erasing interface parameters.
The procedure program for user program mode and user boot mode is made by the user. Figure
25.5 shows the procedure for creating the procedure program. For details, see section 25.8.3, User
Program Mode.
Download on-chip program
by setting VBR, FKEY, and
SCO bit in FCCS
Yes
No
Execute initialization
(downloaded program execution)
Select on-chip program
to be downloaded and
specify destination
Programming (in 128-byte units)
or erasing (in 1-block units)
(downloaded program execution)
Start procedure program for
programming/erasing
End procedure program
Programming/erasing
completed?
Figure 25.5 Procedure for Creating Procedure Program
(1)
Selection of On-Chip Program to be Downloaded
This LSI has programming/erasing programs which can be downloaded to the on-chip RAM. The
on-chip program to be downloaded is selected by the programming/erasing interface registers. The
start address of the on-chip RAM where an on-chip program is downloaded is specified by the
flash transfer destination address register (FTDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com