| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 962 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 962 Page - Renesas Technology Corp |
|
962 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 930 of 1468 REJ09B0412-0200 19.6.2 SCI Initialization (Clocked Synchronous Mode) (SCI_0, 1, 2, and 4 only) Before transmitting and receiving data, first clear the TE and RE bits in SCR to 0, then initialize the SCI as described in a sample flowchart in figure 19.18. When the operating mode, transfer format, etc., is changed, the TE and RE bits must be cleared to 0 before making the change. When the TE bit is cleared to 0, the TDRE flag is set to 1. However, clearing the RE bit to 0 does not initialize the RDRF, PER, FER, and ORER flags, or RDR. Wait <Transfer start> Start initialization Set data transfer format in SMR and SCMR No Yes Set value in BRR Set corresponding bit in ICR to 1 [2] [3] Set TE or RE bit in SCR to 1, and set RIE, TIE, TEIE, and MPIE bits [5] 1-bit interval elapsed? Set CKE1 and CKE0 bits in SCR (TE and RE bits are 0) [1] [1] Set the bit in ICR for the corresponding pin when receiving data or using an external clock. [2] Set the clock selection in SCR. Be sure to clear bits RIE, TIE, TEIE, and MPIE, and bits TE and RE, to 0. [3] Set the data transfer format in SMR and SCMR. [4] Write a value corresponding to the bit rate to BRR. This step is not necessary if an external clock is used. [5] Wait at least one bit interval, then set the TE bit or RE bit in SCR to 1. Also set the RIE, TIE TEIE, and MPIE bits. Setting the TE and RE bits enables the TxD and RxD pins to be used. Note: In simultaneous transmit and receive operations, the TE and RE bits should both be cleared to 0 or set to 1 simultaneously. Clear TE and RE bits in SCR to 0 [4] Figure 19.18 Sample SCI Initialization Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |