Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 961 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 961 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 957Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 958Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 959Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 960Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 961Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 962Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 963Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 964Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 965Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 961 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 929 of 1468
REJ09B0412-0200
19.6
Operation in Clocked Synchronous Mode (SCI_0, 1, 2, and 4 only)
Figure 19.17 shows the general format for clocked synchronous communication. In clocked
synchronous mode, data is transmitted or received in synchronization with clock pulses. One
character in transfer data consists of 8-bit data. In data transmission, the SCI outputs data from one
falling edge of the synchronization clock to the next. In data reception, the SCI receives data in
synchronization with the rising edge of the synchronization clock. After 8-bit data is output, the
transmission line holds the MSB output state. In clocked synchronous mode, no parity bit or
multiprocessor bit is added. Inside the SCI, the transmitter and receiver are independent units,
enabling full-duplex communication by use of a common clock. Both the transmitter and the
receiver also have a double-buffered structure, so that the next transmit data can be written during
transmission or the previous receive data can be read during reception, enabling continuous data
transfer. (Setting is prohibited in SCI_5 and SCI_6.)
Don't care
Don't care
One unit of transfer data (character or frame)
Bit 0
Serial data
Synchronization
clock
Bit 1
Bit 3
Bit 4
Bit 5
LSB
MSB
Bit 2
Bit 6
Bit 7
*
*
Note: * Holds a high level except during continuous transfer.
Figure 19.17 Data Format in Clocked Synchronous Communication (LSB-First)
19.6.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external
synchronization clock input at the SCK pin can be selected, according to the setting of the CKE1
and CKE0 bits in SCR. When the SCI is operated on an internal clock, the synchronization clock
is output from the SCK pin. Eight synchronization clock pulses are output in the transfer of one
character, and when no transfer is performed the clock is fixed high. Note that in the case of
reception only, the synchronization clock is output until an overrun error occurs or until the RE bit
is cleared to 0. (Setting is prohibited in SCI_5 and SCI_6.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com