Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 833 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 833 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 829Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 830Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 831Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 832Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 833Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 834Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 835Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 836Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 801 of 1468
REJ09B0412-0200
15.4.4
Non-Overlapping Pulse Output
During non-overlapping operation, transfer from NDR to PODR is performed as follows:
• At compare match A, the NDR bits are always transferred to PODR.
• At compare match B, the NDR bits are transferred only if their value is 0. The NDR bits are
not transferred if their value is 1.
Figure 15.8 illustrates the non-overlapping pulse output operation.
Compare match A
Compare match B
Pulse
output
pin
Internal data bus
Normal output/inverted output
C
PODR
QD
NDER
Q
NDR
QD
Figure 15.8 Non-Overlapping Pulse Output
Therefore, 0 data can be transferred ahead of 1 data by making compare match B occur before
compare match A.
The NDR contents should not be altered during the interval from compare match B to compare
match A (the non-overlapping margin).
This can be accomplished by having the TGIA interrupt handling routine write the next data in
NDR, or by having the TGIA interrupt activate the DTC or DMAC. Note, however, that the next
data must be written before the next compare match B occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com