Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 830 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 830 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 826Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 827Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 828Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 829Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 830Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 831Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 832Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 833Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 798 of 1468
REJ09B0412-0200
15.4.2
Sample Setup Procedure for Normal Pulse Output
Figures 15.5 and 15.6 show a sample procedure for setting up normal pulse output.
• Sample Setup Procedure for PPG0
Select TGR functions
[1]
Set TGRA value
Set counting operation
Select interrupt request
Set initial output data
Enable pulse output
Select output trigger
Set next pulse
output data
Start counter
Set next pulse
output data
Normal PPG output
No
Yes
TPU0 setup
PPG0 setup
TPU0 setup
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
Compare match?
[1]
Set TIOR in TPU0 to make TGRA an
output compare register (with output
disabled).
[2]
Set the PPG output trigger cycle.
[3]
Select the counter clock source with bits
TPSC2 to TPSC0 in TCR. Select the
counter clear source with bits CCLR1 and
CCLR0.
[4]
Enable the TGIA interrupt in TIER. The
DTC or DMAC can also be set up to
transfer data to NDR.
[5]
Set the initial output values in PODR.
[6]
Set the bits in NDER for the pins to be
used for pulse output to 1.
[7]
Select the TPU compare match event to
be used as the output trigger in PCR.
[8]
Set the next pulse output values in NDR.
[9]
Set the CST bit in TSTR to 1 to start the
TCNT counter.
[10] At each TGIA interrupt, set the next
Figure 15.5 Setup Procedure for Normal Pulse Output (PPG0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com