Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 807 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 807 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 803Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 804Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 805Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 806Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 807Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 808Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 809Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 810Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 775 of 1468
REJ09B0412-0200
Section 15 Programmable Pulse Generator (PPG)
The programmable pulse generator (PPG) provides pulse outputs by using the 16-bit timer pulse
unit (TPU) as a time base. The PPG pulse outputs are divided into 4-bit groups (groups 7 to 0) that
can operate both simultaneously and independently. Figures 15.1 and 15.2 show a block diagram
of the PPG.
15.1
Features
• 32-bit output data
• Four output groups
• Selectable output trigger signals
• Non-overlapping mode
• Can operate together with the data transfer controller (DTC) and DMA controller (DMAC)
• Inverted output can be set
• Module stop state specifiable
Table 15.1
List of PPG Functions
Function
PPG0
PPG1
Compare match
Possible
Not possible
TPU0
Input capture
Possible
Not possible
Compare match
Not possible
Possible
PPG output trigger
TPU1
Input capture
Not possible
Not possible
Non-overlapping mode
Possible
Possible
DTC
Possible
Possible
Output data transfer
DMAC
Possible
Possible
Inverted output
Possible
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com