Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 805 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 805 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 801Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 802Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 803Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 804Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 805Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 806Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 807Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 808Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 809Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 773 of 1468
REJ09B0412-0200
14.10.11 Conflict between Overflow/Underflow and Counter Clearing
If overflow/underflow and counter clearing occur simultaneously, the TCFV/TCFU flag in TSR is
not set and TCNT clearing takes precedence.
Figure 14.54 shows the operation timing when a TGR compare match is specified as the clearing
source, and H'FFFF is set in TGR.
Counter clear
signal
H'0000
P
φ
TCNT input
clock
TCNT
TGF flag
TCFV flag
H'FFFF
Disabled
Figure 14.54 Conflict between Overflow and Counter Clearing
14.10.12 Conflict between TCNT Write and Overflow/Underflow
If an overflow/underflow occurs due to increment/decrement in the T2 state of a TCNT write
cycle, the TCNT write takes precedence and the TCFV/TCFU flag in TSR is not set.
Figure 14.55 shows the operation timing when there is conflict between TCNT write and
overflow.
P
φ
TCNT
H'FFFF
TCFV flag
Address
Write
TCNT address
M
TCNT write data
T
1
T
2
TGR write cycle
Figure 14.55 Conflict between TCNT Write and Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com