| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 761 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 761 Page - Renesas Technology Corp |
|
761 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 729 of 1468 REJ09B0412-0200 14.3.9 Timer Synchronous Register (TSYR) TSYR selects independent operation or synchronous operation for the TCNT counters of channels 0 to 5. A channel performs synchronous operation when the corresponding bit in TSYR is set to 1. 7 0 R/W 6 0 R/W 5 SYNC5 0 R/W 4 SYNC4 0 R/W 3 SYNC3 0 R/W 2 SYNC2 0 R/W 1 SYNC1 0 R/W 0 SYNC0 0 R/W Bit Bit Name Initial Value R/W Bit Bit Name Initial value R/W Description 7, 6 All 0 R/W Reserved The write value should always be 0. 5 4 3 2 1 0 SYNC5 SYNC4 SYNC3 SYNC2 SYNC1 SYNC0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W Timer Synchronization 5 to 0 These bits select whether operation is independent of or synchronized with other channels. When synchronous operation is selected, synchronous presetting of multiple channels, and synchronous clearing through counter clearing on another channel are possible. To set synchronous operation, the SYNC bits for at least two channels must be set to 1. To set synchronous clearing, in addition to the SYNC bit, the TCNT clearing source must also be set by means of bits CCLR2 to CCLR0 in TCR. 0: TCNT_5 to TCNT_0 operate independently (TCNT presetting/clearing is unrelated to other channels) 1: TCNT_5 to TCNT_0 perform synchronous operation (TCNT synchronous presetting/synchronous clearing is possible) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |