| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 759 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 759 Page - Renesas Technology Corp |
|
759 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 727 of 1468 REJ09B0412-0200 14.3.6 Timer Counter (TCNT) TCNT is a 16-bit readable/writable counter. The TPU has six TCNT counters, one for each channel. TCNT is initialized to H'0000 by a reset or in hardware standby mode. TCNT cannot be accessed in 8-bit units. TCNT must always be accessed in 16-bit units. Bit Bit Name Initial Value R/W 15 0 R/W 14 0 R/W 13 0 R/W 12 0 R/W 11 0 R/W 10 0 R/W 9 0 R/W 8 0 R/W Bit Bit Name Initial Value R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W 14.3.7 Timer General Register (TGR) TGR is a 16-bit readable/writable register with a dual function as output compare and input capture registers. The TPU has 16 TGR registers, four each for channels 0 and 3 and two each for channels 1, 2, 4, and 5. TGRC and TGRD for channels 0 and 3 can also be designated for operation as buffer registers. The TGR registers cannot be accessed in 8-bit units; they must always be accessed in 16-bit units. TGR and buffer register combinations during buffer operations are TGRA −TGRC and TGRB−TGRD. Bit Bit Name Initial Value R/W 15 1 R/W 14 1 R/W 13 1 R/W 12 1 R/W 11 1 R/W 10 1 R/W 9 1 R/W 8 1 R/W Bit Bit Name Initial Value R/W 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 2 1 R/W 1 1 R/W 0 1 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |