| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 483 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 483 Page - Renesas Technology Corp |
|
483 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 451 of 1468 REJ09B0412-0200 TSIE bit DMAC is activated in transfer size error state RPTIE bit DMAC is activated after BKSZ bits are changed from 1 to 0 SARIE bit Extended repeat area overflow occurs in source address DARIE bit Extended repeat area overflow occurs in destination address DTIE bit DTIF bit Transfer end interrupt [Setting condition] When DTCR becomes 0 and transfer ends Setting condition is satisfied ESIE bit ESIF bit Transfer escape end interrupt Figure 10.39 Interrupt and Interrupt Sources Transfer end interrupt handling routine Consecutive transfer processing Registers are specified DTE bit is set to 1 Interrupt handling routine ends (RTE instruction executed) Transfer resume processing end Transfer resumed after interrupt handling routine DTIF and ESIF bits are cleared to 0 Interrupt handling routine ends DTE bit is set to 1 Registers are specified Transfer resume processing end [1] [2] [3] [4] [5] [6] [7] [1] Specify the values in the registers such as transfer counter and address register. [2] Set the DTE bit in DMDR to 1 to resume DMA operation. Setting the DTE bit to 1 automatically clears the DTIF or ESIF bit in DMDR to 0 and an interrupt source is cleared. [3] End the interrupt handling routine by the RTE instruction. [4] Read that the DTIF or the ESIF bit in DMDR = 1 and then write 0 to the bit. [5] Complete the interrupt handling routine and clear the interrupt mask. [6] Specify the values in the registers such as transfer counter and address register. [7] Set the DTE bit to 1 to resume DMA operation. Figure 10.40 Procedure Example of Resuming Transfer by Clearing Interrupt Source |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |