| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 481 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 481 Page - Renesas Technology Corp |
|
481 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 449 of 1468 REJ09B0412-0200 10.8 Interrupt Sources The DMAC interrupt sources are a transfer end interrupt by the transfer counter and a transfer escape end interrupt which is generated when a transfer is terminated before the transfer counter reaches 0. Table 10.7 shows interrupt sources and priority. Table 10.7 Interrupt Sources and Priority Abbr. Interrupt Sources Priority DMTEND0 Transfer end interrupt by channel 0 transfer counter High DMTEND1 Transfer end interrupt by channel 1 transfer counter DMTEND2 Transfer end interrupt by channel 2 transfer counter DMTEND3 Transfer end interrupt by channel 3 transfer counter DMEEND0 Interrupt by channel 0 transfer size error Interrupt by channel 0 repeat size end Interrupt by channel 0 extended repeat area overflow on source address Interrupt by channel 0 extended repeat area overflow on destination address DMEEND1 Interrupt by channel 1 transfer size error Interrupt by channel 1 repeat size end Interrupt by channel 1 extended repeat area overflow on source address Interrupt by channel 1 extended repeat area overflow on destination address DMEEND2 Interrupt by channel 2 transfer size error Interrupt by channel 2 repeat size end Interrupt by channel 2 extended repeat area overflow on source address Interrupt by channel 2 extended repeat area overflow on destination address DMEEND3 Interrupt by channel 3 transfer size error Interrupt by channel 3 repeat size end Interrupt by channel 3 extended repeat area overflow on source address Interrupt by channel 3 extended repeat area overflow on destination address Low Each interrupt is enabled or disabled by the DTIE and ESIE bits in DMDR for the corresponding channel. A DMTEND interrupt is generated by the combination of the DTIF and DTIE bits in DMDR. A DMEEND interrupt is generated by the combination of the ESIF and ESIE bits in DMDR. The DMEEND interrupt sources are not distinguished. The priority among channels is decided by the interrupt controller and it is shown in table 10.7. For details, see section 7, Interrupt Controller. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |