Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 381Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 382Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 383Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 384Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 385Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 386Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 387Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 388Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 353 of 1468
REJ09B0412-0200
(5)
External NOP Cycles and Idle Cycles
A cycle in which an external space is not accessed due to internal operations is called an external
NOP cycle. Even when an external NOP cycle occurs between consecutive external bus cycles, an
idle cycle can be inserted. In this case, the number of external NOP cycles is included in the
number of idle cycles to be inserted.
Figure 9.97 shows an example of external NOP and idle cycle insertion.
T
1
T
2
T
3
T
pw
T
1
T
2
T
3
T
pw
T
i
T
i
Address bus
No external access
(NOP)
Specified number of idle cycles or more
including no external access cycles (NOP)
Idle cycle
(remaining)
Following bus cycle
Preceding bus cycle
(Condition: Number of idle cycles to be inserted when different reads continue: 4 cycles)
Data bus
B
φ
CS (area B)
CS (area A)
RD
Figure 9.97 Idle Cycle Insertion Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com