Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 379Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 380Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 381Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 382Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 383Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 384Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 385Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 386Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 351 of 1468
REJ09B0412-0200
(3)
Read after Write
If an external read occurs after an external write while bit IDLS2 in IDLCR is set to 1, idle cycles
specified by bits IDLCA1 and IDLCA0 are inserted at the start of the read cycle (n = 0 to 7).
Figure 9.95 shows an example of the operation in this case. In this example, bus cycle A is a CPU
write cycle and bus cycle B is a read cycle from the SRAM. In (a), an idle cycle is not inserted,
and a conflict occurs in bus cycle B between the CPU write data and read data from an SRAM
device. In (b), an idle cycle is inserted, and a data conflict is prevented.
Output floating
time is long.
Data conflict
Bus cycle A
Bus cycle B
B
φ
Address bus
CS (area A)
CS (area B)
RD
LLWR
Data bus
T
1
T
2
T
3
T
1
T
2
Bus cycle A
Bus cycle B
T
1
T
2
T
3
T
1
T
i
T
2
(a) No idle cycle inserted
(IDLS2 = 0)
(b) Idle cycle inserted
(IDLS2 = 1, IDLCA1 = 0, IDLCA0 = 0)
Figure 9.95 Example of Idle Cycle Operation (Read after Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com