Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 337Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 338Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 339Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 340Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 341Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 342Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 343Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 344Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 309 of 1468
REJ09B0412-0200
9.11.5
Basic Timing
Figures 9.60 and 9.61 show a basic access timing of the SDRAM space.
A basic read cycle consists of five clock cycles: one precharge cycle (Tp), one row address output
cycle (Tr), and three column address output cycles (Tc1, Tcl, and Tc2).
A basic write cycle consists of four clock cycles: one precharge cycle (Tp), one row address
output cycle (Tr), and two column address output cycles (Tc1 and Tc2).
When the SDRAM space is selected, the WAITE bit in BCR, the RAST and CAST bits in
DRAMCR, bits RCW1 and RCW0 in REFCR are ignored.
Tp
Tr
Tc1
Tcl
Tc2
Address bus
Row address
Column address
SDRAM
φ
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
READ
NOP
DQMLU
DQMLL
D7 to D0
BS
RD/
WR
D15 to D8
Row
address
Figure 9.60 SDRAM Basic Read Access Timing (CAS Latency = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com