| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 340 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 340 Page - Renesas Technology Corp |
|
340 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 308 of 1468 REJ09B0412-0200 9.11.4 I/O Pins Used for DRAM Interface Table 9.26 shows the pins used for the SDRAM interface. Since a CS pin functions as an input after a reset, set the bit in PFCR to 1 to output the CS signal. For details, see section 13, I/O Ports. To enable the SDRAM interface, select the appropriate MCU operating mode. For details, see section 3, MCU Operating Modes. Table 9.26 I/O Pins for SDRAM Interface Pin DRAM Selected Name I/O Function RAS RAS Row address strobe Output Row address strobe when the SDRAM space is specified as area 2 CAS CAS Column address strobe Output Column address strobe when the SDRAM space is specified as area 2 WE WE Write enable Output Write enable signal for accessing the SDRAM interface OE/CKE CKE Clock enable Output Clock enable signal when the SDRAM space is specified as area 2. LLCAS/ DQMLU DQMLU Lower-upper data mask enable Output Upper data mask enable when the 16- bit SDRAM space is accessed LLCAS/ DQMLL DQMLL Lower-lower data mask enable Output • Lower data mask enable when the 16-bit SDRAM space is accessed • Data mask enable when the 8-bit SDRAM is accessed A17 to A0 A17 to A0 Address pin Output Multiplexed row/column-address output pin D15 to D0 D15 to D0 Data pin Input/ output Data input/output pin PB7 SDRAM φ Clock Output SDRAM clock CS2 CS Chip select Output Strobe signal indicating that SDRAM is selected |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |