Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 173Page - Renesas Technology Corp R8C/20 Datasheet HTML 174Page - Renesas Technology Corp R8C/20 Datasheet HTML 175Page - Renesas Technology Corp R8C/20 Datasheet HTML 176Page - Renesas Technology Corp R8C/20 Datasheet HTML 177Page - Renesas Technology Corp R8C/20 Datasheet HTML 178Page - Renesas Technology Corp R8C/20 Datasheet HTML 179Page - Renesas Technology Corp R8C/20 Datasheet HTML 180Page - Renesas Technology Corp R8C/20 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 161 of 458
REJ09B0250-0200
X: can be 0 or 1, no change in outcome
NOTE:
1.
Set the PD2_3 bit in the PD2 register to 0 (input mode) at timer mode trigger input (input capture function).
X: can be 0 or 1, no change in outcome
NOTE:
1.
Set the PD2_4 bit in the PD2 register to 0 (input mode) at timer mode trigger input (input capture function).
X: can be 0 or 1, no change in outcome
NOTE:
1.
Set the PD2_5 bit in the PD2 register to 0 (input mode) at timer mode trigger input (input capture function).
Table 14.15
Pin Functions TRDIOD0(P2_3)
Register
TRDOER1
TRDFCR
TRDPMR
TRDIORC0
Function
Bit
ED0
PWM3 CMD1, CMD0
PWMD0
IOD2_IOD0
Setting
value
0X
1
Xb
X
XXXb
Complementary PWM mode waveform output
0
X
01b
X
XXXb
Reset synchronous PWM mode waveform output
0
1
00b
1
XXXb
PWM mode waveform output
0
1
00b
0
001b, 01
Xb
Timer mode waveform output (output compare function)
X
1
00b
0
1XXb
Timer mode trigger input (input capture function)(1)
Other than above
I/O port
Table 14.16
Pin Functions TRDIOA1(P2_4)
Register
TRDOER1
TRDFCR
TRDIORA1
Function
Bit
EA1
PWM3 CMD1, CMD0
IOA2_IOA0
Setting
value
0X
1
Xb
XXXb
Complementary PWM mode waveform output
0
X
01b
XXXb
Reset synchronous PWM mode waveform output
0
1
00b
001b, 01
Xb
Timer mode waveform output (output compare function)
X
1
00b
1XXb
Timer mode trigger input (input capture function)(1)
Other than above
I/O port
Table 14.17
Pin Functions TRDIOB1(P2_5)
Register
TRDOER1
TRDFCR
TRDPMR
TRDIORA1
Function
Bit
EB1
PWM3 CMD1, CMD0
PWMB1
IOB2_IOB0
Setting
value
0X
1
Xb
X
XXXb
Complementary PWM mode waveform output
0
X
01b
X
XXXb
Reset synchronous PWM mode waveform output
0
1
00b
1
XXXb
PWM mode waveform output
0
1
00b
0
001b, 01
Xb
Timer mode waveform output (output compare function)
X
1
00b
0
1XXb
Timer mode trigger input (input capture function)(1)
Other than above
I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com