Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 133Page - Renesas Technology Corp R8C/20 Datasheet HTML 134Page - Renesas Technology Corp R8C/20 Datasheet HTML 135Page - Renesas Technology Corp R8C/20 Datasheet HTML 136Page - Renesas Technology Corp R8C/20 Datasheet HTML 137Page - Renesas Technology Corp R8C/20 Datasheet HTML 138Page - Renesas Technology Corp R8C/20 Datasheet HTML 139Page - Renesas Technology Corp R8C/20 Datasheet HTML 140Page - Renesas Technology Corp R8C/20 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 121 of 458
REJ09B0250-0200
Figure 14.2
Registers TRACR and TRAIOC
Timer RA Control Register
(4)
Symbol
Address
After Reset
TRACR
0100h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
RW
TCSTF
When the TSTOP bit is set to 1, bits TSTART and TCSTF and registers TRAPRE and TRA are set to the values after a
reset.
0 : Stops counting
1 : Counting
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RO
—
(b7-b6)
—
Refer to 14.1.6 Notes on Tim er RA.
RW
Timer RA underflow flag(3,5)
0 : No underflow
1 : Underflow
b3 b2
When this bit is set to 1, the count is forcibly
stopped. When read, the content is 0.
—
(b3)
b1 b0
b7 b6 b5 b4
RW
TUNDF
Timer RA count start bit(1)
Timer RA count forcible stop
bit(2)
Active edge reception
flag(3,5)
TSTART
In pulse w idth measurement mode and pulse period measurement mode, use the MOV instruction to set the TRACR
register. If it is necessary to avoid changing the values of bits TEDGF and TUNDF, w rite 1 to them.
Set to 0 in timer mode, pulse output mode, and event counter mode.
Bits TEDGF and TUNDF can be set to 0 by w riting 0 to these bits by a program. How ever, their value remains
unchanged w hen 1 is w ritten.
0 : Stops counting
1 : Starts counting
Timer RA count status flag(1)
TSTOP
RW
—
TEDGF
0 : Active edge not received
1 : Active edge received
(end of measurement period)
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
RW
TIPF0
TOENA
RW
TRAIO input filter select bits
TIPF1
RW
RW
Function varies depending on operation mode
—
TEDGSEL
RW
TOPCR
RW
TRAIO polarity sw itch bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b7-b6)
TRAIO output control bit
INT1
_____
/TRAIO select bit
TRAO output enable bit
b7 b6 b5 b4 b3 b2
TIOSEL
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com