| Electronic Components Datasheet Search |
|
STFPC320 Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFPC320 Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 78 page ![]() Configuration data STFPC320 48/78 13 Configuration data To read the configuration data from STFPC320, 0x71 command (Section 7.2: Data setting command on page 36) is sent from the Host to STFPC320. After this, the STFPC320 will output a maximum of 14 bytes with the configuration data. The Host can choose to read only a few bytes by pulsing the SCL line according to the number of bytes to be read. Up to a maximum of 14-bytes are sent from MSB to LSB as configuration data. The 14-bytes represent the following configuration information. Figure 21. Configuration data bytes RTC Display format VFD Dimming and (ON/OFF) status MSB LSB Clock init display location No. of VFD display digits MSB LSB RC Protocol Guard Timer Value MSB LSB b7 b4 b3 b0 b7 b4 b3 b0 b7 b4 b3 b0 Front Panel Hot Keys (1st Byte) MSB LSB b7 b0 Front Panel Hot Keys (2nd Byte) MSB LSB b7 b0 Front Panel Hot Keys (3rd Byte) MSB LSB b7 b0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 RC Device Address 1 MSB LSB b7 b0 Byte 7 RTC Display format VFD Dimming and (ON/OFF) status MSB LSB Clock init display location No. of VFD display digits MSB LSB RC Protocol Guard Timer Value MSB LSB b7 b4 b3 b0 b7 b4 b3 b0 b7 b4 b3 b0 Front Panel Hot Keys (1st Byte) MSB LSB b7 b0 Front Panel Hot Keys (2nd Byte) MSB LSB b7 b0 Front Panel Hot Keys (3rd Byte) MSB LSB b7 b0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 RC Device Address 1 MSB LSB b7 b0 Byte 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |