Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFPC320 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics STFPC320 Datasheet HTML 43Page - STMicroelectronics STFPC320 Datasheet HTML 44Page - STMicroelectronics STFPC320 Datasheet HTML 45Page - STMicroelectronics STFPC320 Datasheet HTML 46Page - STMicroelectronics STFPC320 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
STFPC320
Key matrix
43/78
8.1
Key read sequence
Description:
For example when the key corresponding to the KEY1/KS1 is pressed, the bit b0 of
Byte 3 will be set. This is decoded as the key value connected to KEY1/KS1 which
could be “PLAY” (for example). When the processor decodes the key value
corresponding to the “PLAY” key, it takes the necessary action (e.g. play the disc).
Note:
Upon a key-press, the IRQ_N/SQW pin will be asserted. The interrupt flag should be read to
know the source of interrupt. The interrupt flag is read by sending the 0x63 command. As
soon as the interrupt buffer is read, the IRQ_N/SQW pin will be de-asserted.
MSB
LSB
Data Setting Command
01
100000
MSB
LSB
Key Data Byte 1
b7
b6
b5
b4
b3
b2
b1
b0
MSB
LSB
Key Data Byte 2
b7
b6
b5
b4
b3
b2
b1
b0
MSB
LSB
Key Data Byte 3
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com