Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFPC320 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 21Page - STMicroelectronics STFPC320 Datasheet HTML 22Page - STMicroelectronics STFPC320 Datasheet HTML 23Page - STMicroelectronics STFPC320 Datasheet HTML 24Page - STMicroelectronics STFPC320 Datasheet HTML 25Page - STMicroelectronics STFPC320 Datasheet HTML 26Page - STMicroelectronics STFPC320 Datasheet HTML 27Page - STMicroelectronics STFPC320 Datasheet HTML 28Page - STMicroelectronics STFPC320 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
STFPC320
Real-time clock (RTC) operation
25/78
6.4.1
Reading the real-time clock
The real-time clock (RTC) is read by specifying the address corresponding to the register of
the real-time clock and then initiating a Read command. The RTC registers can then be
read in a sequential read mode. Since the clock runs continuously and a read takes a finite
amount of time, there is the possibility that the clock could change during the course of a
read operation. In this device, the time is latched by the read command (falling edge of the
clock on the ACK bit prior to RTC data output) into a separate latch to avoid time changes
during the read operation. The clock continues to run. Alarms occurring during a read are
unaffected by the read operation.
6.4.2
Writing to the real-time clock
The time and date may be set by writing to the RTC registers. To avoid changing the current
time by an uncompleted write operation, the current time value is loaded into a separate
buffer at the falling edge of the clock on the ACK bit before the RTC data input bytes, the
clock continues to run. The new serial input data replaces the values in the buffer. This new
RTC value is loaded back into the RTC register by a stop bit at the end of a valid write
sequence. An invalid write operation aborts the time update procedure and the contents of
the buffer are discarded. After a valid write operation the RTC will reflect the newly loaded
data beginning with the next “one second” clock cycle after the stop bit is written. The RTC
continues to update the time while an RTC register write is in progress and the RTC
continues to run during any nonvolatile write sequences. A single byte may be written to the
RTC without affecting the other bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com