Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFPC320 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 13Page - STMicroelectronics STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics STFPC320 Datasheet HTML 20Page - STMicroelectronics STFPC320 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
STFPC320
Functional description
17/78
4.5
Interrupts/events handling by STFPC320
The STFPC320 interrupts the Host by pulling the IRQ_N/SQW pin to a low-level both in
normal mode of operation and during wake-up. The interrupt is enabled by STFPC320 when
any of the conditions occur:
●
Front panel key press in normal operation or during system standby state
●
Remote control key press in normal operation or during system standby state
●
A low-to-high transition on the external pin, PIN_AV8
●
Real-time clock triggers (alarm, watchdog timer, oscillator fail)
The IRQ_N/SQW is an active low level signal and is cleared only after the interrupt buffer is
read. After reading the interrupt buffer, the Host will know the actual source of the interrupt.
This allows the Host to exactly know the event which caused the interrupt (e.g STBY key on
the front panel). The interrupt signal is used to inform the Host of any events detected by the
STFPC320. Note that the IRQ_N/SQW pin is an open-drain pin which requires an external
pull-up resistor.
4.6
Ready pin
The STFPC320 supports cutting-off power to the main board for standby operation for good
power management. STBY will be set to high when the READY transitions from high to low.
During a cold boot up or wakeup from standby, if the READY pin stays low, the STFPC320
will assert the STBY when the guard timer has finished counting down to 0.
When the READY drops to a low, MUTE goes high immediately and soon after (2 µs) the
STBY is asserted.
In the normal mode of operation, when READY is a high, the STBY is asserted only when
the guard timer is enabled and has finished counting down to 0. This is meant to put the
system into standby as the READY pin was stuck at high and the guard timer register was
not cleared before it finished counting down to 0. It is advised to disable the guard timer
during normal operation.
Figure 7.
Interrupts/events handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com