Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFPC320 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 27Page - STMicroelectronics STFPC320 Datasheet HTML 28Page - STMicroelectronics STFPC320 Datasheet HTML 29Page - STMicroelectronics STFPC320 Datasheet HTML 30Page - STMicroelectronics STFPC320 Datasheet HTML 31Page - STMicroelectronics STFPC320 Datasheet HTML 32Page - STMicroelectronics STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
STFPC320
Real-time clock (RTC) operation
31/78
6.9
Century bits
These two bits will increment in a binary fashion at the turn of the century, and handle all
leap years correctly. See Table 7 below for additional explanation.
6.10
Oscillator stop detection
If the oscillator fail (OF) bit is internally set to a ‘1’, this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data. This bit will be set to ‘1’ any time the oscillator stops.
In the event the OF bit is found to be set to ‘1’ at any time other than the initial power-up, the
STOP bit (ST) should be written to a ‘1’, then immediately reset to a ‘0’. This will restart the
oscillator.
The following conditions can cause the OF bit to be set:
●
The first time power is applied (defaults to a ‘1’ on power-up).
Note:
If the OF bit cannot be written to ‘1’ four (4) seconds after the initial power-up, the STOP bit
(ST) should be written to a ‘1’, then immediately reset to a ‘0’.
●
The voltage present on Vcc is insufficient to support oscillation.
●
The ST bit is set to a ‘1’.
●
External interference of the crystal
If the oscillator fail interrupt enable bit (OFIE) is set to a ‘1’, the IRQ_N/SQW pin will also be
activated. The IRQ_N/SQW output is cleared by resetting the OFIE or OF bit to ‘0’ (NOT by
reading the Flag register).
The OF bit will remain set to ‘1’ until written to logic ‘0’. The oscillator must start and have
run for at least 4 seconds before attempting to reset the OF bit to ‘0’. If the trigger event
occurs during the power-down condition, this bit will be set correctly.
Table 7.
Century bits
CB1
CB0
Leap Year?
Example (1)
1.
Leap year occurs every four years (for years evenly divisible by 4), except for years evenly divisible by
100. The only exceptions are those years evenly divisible by 400 (the year 2000 was a leap year, year
2100 is not).
0
0
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com